Part Number Hot Search : 
AN78XXF MMBT55 IS3022 DS9092 90FD20 1610DT ZD47V0 VN920
Product Description
Full Text Search
 

To Download NTE5210A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nte5174a thru nte5232a zener diode, 10 watt 5% tolerance features:  zener voltage 3.9v to 200v  do4 stud mount package absolute maximum ratings: forward voltage (i f = 2a), v f 1.5v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dc power dissipation, p d 10w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . derate above 50 c 80mw/ c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating junction temperature range, t opr ?65 to +175 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ?65 to +175 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . electrical characteristics: (t c = +30 c, unless otherwise specified) nominal zener maximum dynamic impedance (note 3) maximum dc zener typical maximum nte type number (note 1) zener voltage v z @ i zt (note 2) test current (i zt ) z zt @ i zt z zk @ 1ma (i zk ) current* (i zm ) (note 4) temperature coefficient vz leakage current i r @ v r volts ma ohms ohms ma %/ c a volts nte5174a 3.9 640 2.0 400 2380 ?.046 100 0.5 nte5175a 4.3 580 1.5 400 2130 ?.033 100 0.5 nte5176a 4.7 530 1.2 500 1940 ?.015 50 1.0 nte5177a 5.1 490 1.1 550 1780 .010 10 1.0 nte5178a 5.6 445 1.0 600 1620 +.030 10 1.0 nte5179a 6.0 425 1.0 675 1540 +.035 10 1.5 nte5180a 6.2 405 1.1 750 1460 +.049 10 2.0 nte5181a 6.8 370 1.2 500 1330 +.040 10 2.0 nte5182a 7.5 335 1.3 250 1180 .045 100 5.7 nte5183a 8.2 305 1.5 250 1040 .048 50 6.2 * stud temperature = +75 c
electrical characteristics (cont?d): (t c = +30  c, unless otherwise specified) nominal zener maximum dynamic impedance (note 3) maximum dc zener typical maximum nte type number (note 1) zener voltage v z @ i zt (note 2) test current (i zt ) z zt @ i zt z zk @ 1ma (i zk ) current* (i zm ) (note 4) temperature coefficient  vz leakage current i r @ v r volts ma ohms ohms ma %/  c  a volts nte5184a 8.7 290 1.7 250 1000 .049 37 6.6 nte5185a 9.1 275 2 250 720 .051 25 6.9 nte5186a 10 250 3 250 860 .055 25 7.6 nte5187a 11 230 3 250 780 .060 10 8.4 nte5188a 12 210 3 250 720 .065 10 9.1 nte5189a 13 190 3 250 660 .065 10 9.9 nte5190a 14 180 3 250 600 .070 10 10.5 nte5191a 15 170 3 250 560 .070 10 11.4 nte5192a 16 155 4 250 530 .070 10 12.2 nte5193a 17 145 4 250 500 .075 10 13.0 nte5194a 18 140 4 250 460 .075 10 13.7 nte5195a 19 130 4 250 440 .075 10 14.0 nte5196a 20 125 4 250 420 .075 10 15.2 nte5197a 22 115 5 250 380 .080 10 16.7 nte5198a 24 105 5 250 350 .080 10 18.2 nte5199a 25 100 6 250 310 .080 10 18.2 nte5200a 27 95 7 250 300 .085 10 20.6 nte5201a 28 90 7.5 275 290 .085 10 21.7 nte5202a 30 85 8 300 280 .085 10 22.8 nte5203a 33 75 9 300 260 .085 10 25.1 nte5204a 36 70 10 300 230 .085 10 27.4 nte5205a 39 65 11 300 210 .090 10 29.7 nte5206a 43 60 12 400 195 .090 10 32.7 nte5207a 45 55 13 400 185 .090 10 33.0 nte5208a 47 55 14 400 175 .090 10 35.8 nte5209a 50 50 15 500 165 .090 10 36.0 NTE5210A 51 50 15 500 160 .090 10 38.8 nte5211a 52 50 15 500 160 .090 10 39.0 nte5212a 56 45 16 500 150 .090 10 42.6 nte5213a 60 43 16 550 140 .090 10 44.8 nte5214a 62 40 17 600 130 .090 10 47.1 * stud temperature = +75  c
electrical characteristics (cont ? d): (t c = +30  c, unless otherwise specified) nominal zener maximum dynamic impedance (note 3) maximum dc zener typical maximum nte type number (note 1) zener voltage v z @ i zt (note 2) test current (i zt ) z zt @ i zt z zk @ 1ma (i zk ) current* (i zm ) (note 4) temperature coefficient  vz leakage current i r @ v r volts ma ohms ohms ma %/  c  a volts nte5215a 68 37 18 600 120 .090 10 51.7 nte5216a 75 33 22 600 110 .090 10 56.0 nte5217a 82 30 25 700 100 .090 10 62.2 nte5218a 87 29 30 750 93 .090 10 65.7 nte5219a 91 28 35 800 85 .090 10 69.2 nte5220a 100 25 40 900 80 .090 10 76.0 nte5221a 105 25 45 1000 75 .095 10 76.0 nte5222a 110 23 55 1100 72 .095 10 83.6 nte5223a 120 20 75 1200 67 .095 10 91.2 nte5224a 130 19 100 1300 62 .095 10 98.8 nte5225a 140 18 125 1400 58 .095 10 100.0 nte5226a 150 17 175 1500 54 .095 10 114.0 nte5227a 160 16 200 1600 50 .095 10 121.6 nte5228a 170 15 225 1675 48 .095 10 128.3 nte5229a 175 14 250 1750 46 .095 10 135.0 nte5230a 180 14 260 1850 45 .095 10 136.8 nte5231a 190 13 280 1925 43 .097 10 144.4 nte5232a 200 12 300 2000 40 .100 10 152.0 * stud temperature = +75  c note 1. the nte type 10w zener diodes listed have anode (standard polarity) connected to stud. add suffix letter ? k ? to the device number for cathode (reverse polarity) connected to stud (i. e. nte5174ak). note 2. the electrical characteristics are measured after allowing the device to stabilize for 90 se- conds with +30  c base temperature. note 3. the zener impedance (z zt ) is derived from the 60hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superim- posed on i zt or i zk . when making zener impedance measurements at the i zk test point, it may be necessary to insert a 60hz band pass filter between the diode and voltmeter to avoid errors resulting from low level noise signals. note 4. these values of i zm may be exceeded in the case of individual diodes. the values shown are calculated for the worst case which is a unit of  5% tolerance at the high voltage and of its tolerance range. allowance has also been made for the rise in zener voltage above v zt , which results from zener impedance and the increase in junction temperature as power dis- sipation approaches 10 watts.
.060 (1.52) dia min .405 (10.3) max 1.250 (31.75) max .437 (11.1) max .175 (4.45) max 10 ? 32 nf ? 2a .424 (10.8) dia max .250 (6.35) max .453 (11.5) max


▲Up To Search▲   

 
Price & Availability of NTE5210A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X